PART |
Description |
Maker |
SK320011 SK3200-TP |
3 Amp Schottky Rectifier 200 Volts 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Micro Commercial Components Micro Commercial Compon...
|
MBRF20200CTG MBRF20200CT MBRF20200-CT |
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
MBRB20200CT MBRB20200CT_D ON0434 MBRB20200CTT4 |
10 A, 200 V, SILICON, RECTIFIER DIODE CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN SWIRCHMODE⑩ Power Dual Schottky Rectifier From old datasheet system 20 AMPERES 200 VOLTS SWIRCHMODE Power Dual Schottky Rectifier SWIRCHMODE?/a> Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola, Inc. MOTOROLA[Motorola, Inc] ON Semi
|
MBR2040 MBR2050 MBR20100 MBR20200 MBR20150 MBR2060 |
20 Amp Schottky Barrier Rectifier 20 to 200 Volts 20 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Micro Commercial Components
|
SR20200CS SR2060CS SR20150CS SR20100CS SR2020CS SR |
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere 20 A, 35 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
403CMQ080 403CMQ100 |
200 A, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER
|
SENSITRON SEMICONDUCTOR
|
APT15S20BCT ABT15S20BCT APT15S20BCTG |
MOSFET HIGH VOLTAGE SCHOTTKY DIODE Schottky Center Tap RECTIFIER; Package: TO-247 [B]; VR (V): 200; IO (A): 15; VF (V): 0.8; trr (nsec): 20; Qrr (nC): 440;
|
Advanced Power Technology Ltd. MICROSEMI POWER PRODUCTS GROUP
|
FM580 FM550 FM540 FM520 FM540-T FM540-W |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere 5 A, 40 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Rectron Semiconductor RECTRON LTD
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
VSKCS209 VSKCS209_150P VSKCS209/150P |
Schottky Rectifier, 200 A
|
Vishay Siliconix
|
SK4200L11 |
4 Amp Schottky Rectifier 200 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
SHD126146 SHD126146N SHD126146D SHD126146P |
SCHOTTKY RECTIFIER 200∑C Operating Temperature
|
Sensitron
|